PART |
Description |
Maker |
CY7C68013A CY7C68013A-100AC CY7C68013A-128AXC CY7C |
CAC 2C 2#12 PIN PLUG 8-BIT, EEPROM, 48 MHz, MICROCONTROLLER, PQFP128 Light Pipe; Mounting Hole Dia:3.5mm; Material:Polycarbonate; Length:10.2mm; Color:Clear; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes EZ-USB FX2LP USB Microcontroller EZ-USB FX2LP(TM) USB Microcontroller High-Speed USB Peripheral Controller
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
CY7C64713 CY7C64713-100AXC CY7C64713-128AXC CY7C64 |
EZ-USB FX1⑩ USB Microcontroller Full-speed USB Peripheral Controller
|
Cypress Semiconductor
|
AN1071 |
USB - HALF DUPLEX USB-TO-SERIAL BRIDGE USING THE ST72611 USB MICROCONTROLLER
|
SGS Thomson Microelectronics
|
AT89C5131 AT89C5131-RFTIL |
USB C51-based Microcontroller with 32K Bytes Flash, 1K Byte Data EEPROM, 1280 bytes RAM, 7 USB Endpoints, TWI, SPI, UART, PCA 8-bit flash microcontroller with full speed USB device. Memory size 32 Kbytes. Supply voltage 3.0 to 3.6 V.
|
Atmel
|
SSUR3140R |
CY7C68013A, CY7C68014A, CY7C68015A, CY7C68016A: EZ-USB FX2LP™ USB Microcontroller High-Speed USB Peripheral Controller CY7C68013A, CY7C68014A, CY7C68015A, CY7C68016A: EZ-USB FX2LP™ USB Microcontroller High-Speed USB Peripheral Controller 超快速整流器(小00纳秒
|
Analog Devices, Inc.
|
Y5-48S5 Y5-48-5 Y5-24-5 Y5-24-15 Y5-24S5 Y5-48-12 |
Analog IC Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub EZ-USB AT2LP USB 2.0 to ATA/ATAPI Bridge CY8C21634, CY8C21534 CY8C21434, CY8C21334, CY8C21234 PSoC® Mixed-Signal Array CY7C68013A, CY7C68014A, CY7C68015A, CY7C68016A: EZ-USB FX2LP™ USB Microcontroller High-Speed USB Peripheral Controller USB LOW SPEED, 3 ENDPOINT, ENCORE II, 24-SOIC EZ-USB NX2LP-Flex Flexible USB NAND Flash Controller ENCORE II USB, 8K FLASH, 256 BYTE RAM, 32 QFN 模拟IC EZ-USB AT2LP™ USB 2.0 to ATA/ATAPI Bridge EZ-USB NX2LP-Flex™ Flexible USB NAND Flash Controller CY7C68013A, CY7C68014A, CY7C68015A, CY7C68016A: EZ-USB FX2LP™ USB Microcontroller High-Speed USB Peripheral Controller CY8C21634, CY8C21534 CY8C21434, CY8C21334, CY8C21234 PSoC® Mixed-Signal Array
|
东电?中国)投资有限公司
|
CY7C68300C CY7C68301C CY7C68320C CY7C68321C |
EZ-USB AT2LP USB 2.0 to ATA/ATAPI Bridge(EZ-USB AT2LP USB 2.0到ATA/ATAPI桥接 的EZ - USB AT2LP产品的USB 2.0的ATA / ATAPI桥(的EZ - USB AT2LP产品的USB 2.0到ATA / ATAPI接口桥接器)
|
Cypress Semiconductor Corp.
|
CY7C64713-56LFXC CY7C64713-56PVXC |
EZ-USB FX1 USB Microcontroller Full-speed USB Peripheral Controller EZ-USB FX1?USB Microcontroller Full-speed USB Peripheral Controller
|
Cypress Semiconductor
|
0887328512 |
USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1, 0.80m (2.62) Length, Black
|
Molex Electronics Ltd.
|
0887328502 |
USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 0.80m (2.62) Length, Black
|
Molex Electronics Ltd.
|